PART |
Description |
Maker |
SGM706-MYS8G/TR SGM706-TYS8G/TR SGM706-SYS8G/TR |
Low-Cost, Microprocessor Supervisory Circuit
|
SG Micro Corp
|
IDT79R4640133MUI IDT79R464080DUI IDT79R4640150MUI |
LOW-COST EMBEDDED ORION RISC MICROPROCESSOR
|
Integrated Device
|
ASM8406C |
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
|
Aplus Intergrated Circuits
|
IDT79RV4640 IDT79RV4640100DU IDT79RV4640100DUI IDT |
LOW-COST EMBEDDED ORION RISC MICROPROCESSOR
|
IDT[Integrated Device Technology]
|
ASM17012CB |
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
|
Aplus Integrated Circuits APLUS[Apuls Intergrated Circuits] Aplus Intergrated Circuits
|
ADM9240 ADM9240ARU |
Low Cost Microprocessor System Hardware Monitor
|
AD[Analog Devices]
|
RC64474 RC64475 79RC64474_DS_53993 IDT79RC64V47425 |
Low Cost 64-Bit RISC CPU **NOT RECOMMENDED FOR NEW DESIGNS** RISControllerTM Embedded 64-bit Microprocessor, based on RISCore4000 64-BIT, 250 MHz, RISC PROCESSOR, PQFP128 RISControllerTM Embedded 64-bit Microprocessor, based on RISCore4000 RISControllerTM嵌入4位的基础RISCore4000微处理器 RISControllerTM Embedded 64-bit Microprocessor, based on RISCore4000 64-BIT, 250 MHz, RISC PROCESSOR, PQFP208 RISControllerTM Embedded 64-bit Microprocessor based on RISCore4000 From old datasheet system Low Cost 64-Bit RISC CPU w/32-Bit Bus
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
6MBP30RY-060 |
Low-Cost Microprocessor Supervisory Circuits with Battery Backup 6 IGBT的综合防
|
Ecliptek, Corp.
|
63FE 25ET 12CT 71FE 10CT 20CT 40ET 80ET 6CT 56ET 3 |
4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input Complete, 100ksps, 8-Channel, 12-Bit Data Acquisition Systems 3V to 28V Input, Low-Cost, Hysteretic Synchronous Step-Down Controllers 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Microprocessor Supervisory Circuits Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits Microprocessor Supervisory Reset Circuits with Edge-Triggered, One-Shot Manual Reset Low-Power, SPST, Fast, CMOS Analog Switch Dual/Quad RF/Video Switches 1024k NV SRAM with Phantom Clock Single/Dual/Quad, 10MHz Single-Supply Op Amps Fuse 保险
|
Air Cost Control
|
ADDAC80 ADDAC87CBI-I ADDAC87CBI-V ADDAC85MILCBII8 |
Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85C Complete Low Cost Hybrid 12-Bit D/A Converter 0to 70C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85°C Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125°C From old datasheet system IC,D/A CONVERTER,SINGLE Complete low cost, linearity error /- 1/2 LBS, binary input
|
Analog Devices adi
|